Part Number Hot Search : 
10019 9161A 74HCT241 NTD4863N CD451 2412W RGP0212E SDM5013
Product Description
Full Text Search
 

To Download SB1620FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.03 20140325 SB1620FCT~sb16150fct 16 ampere schott k y barrier recti f iers voltage - 20 to 15 0 volts current - 16.0 amperes fe a t ures ?e plasti c p a ckage has und e rw riters l aboratory flammability classi fica tion 94v -o u t ili zing flame retarda n t e poxy molding compound ?e ex ceeds env ironmental standar d s o f m i l-s-19 500/2 2 8 ?e l o w pow er loss, high e ffi cien cy ?e l o w forw ard v o ltage, high cur r ent capability ?e high surge capa city ?e for u s e in low v o ltage , hi gh freque n c y inv e rters, free w heeling, an d polarity protection a pplica t ion s ?e high tempera t ure sol dering : 260 o c / 10 se cond s at te r m inals ?e pb free p r odu ct at av ailable : 99% sn abov e meet ro hs env ironment su bst a nce dire ctiv e reque st m e c h an i c al d a t a ?e c a s e : i to- 2 20ab molded pl a s t i c ?e termina l s: lead, solderab le p e r m i l- std-202, me thod 2 08 ?e polari ty : as m a r k ed ?e m o u n ting po si tio n : a n y ?e m a xim u m r a ti ng s a n d electric a l ch a r a c teristi c s r a tings a t 2 5 a m bient tempera t ure unle s s o t herw i se speci f ied. single p hase hal f wav e 60hz, r e si stiv e or indu ctiv e load. for cap a ci tiv e load, dera t e curr ent by 20%. sy m b ol sb 1620fct sb 1630fct sb 1640fct sb 1650fct sb 1660fct sb 1680fct sb 16100fct sb 16150fct uni t m a x i mum recurre n t peak rev e rse v o lt 2 0 3 0 4 0 5 0 6 0 8 0 1 5 0 v max i mum r m s vo lt 1 4 2 1 2 8 35 42 56 105 v m a xi mum dc bl o cki ng volt 2 0 3 0 4 0 5 0 6 0 8 0 1 5 0 v m a x i mum a verage for w a rd rect if ie d current at tc=90 1 6 . 0 a peak for w a rd surge current , 8 . 3m s single ha lf si ne w a v e supe r i mposed on r a ted load(jedec method) 1 5 0 a m a x i mum for w a rd voltage at 8.0 a per e l ement 0 . 5 5 0 . 7 5 0 . 8 5 v 0 . 5 m a xi mum dc rever s e cur r e nt at rated tc=25 dc blocking vo lta g e per ele m ent tc =100 100 ma t y pical therma l r esistance note 60 /w oper ati ng and sto r age tempe r atur e range tj,tstg -55 to +150 notes: thermal resi stan ce ju nction to ambi ent o c o c o c o c o c r a j 1 0 0 7 0 1 0 0 0.92 0 . 1 7 1 2 0 o c ito-220ab unit:inch(mm) .406(10.3) max. .137(3.5) .118(3.0) .055(1.4) .039(1.0) .035(0.9) .011(0.3) .1(2.55) .1(2.55) .59(15.00) .50(12.70) .161(4.1) max. .606(15.4) .583(14.8) .272(6.9) .248(6.3) .189(4.8) .165(4.2) .130(3.3) max. .032(0.8) max. .138(3.50) .100(2.55) .071(1.80) max.
http://www.yeashin.com 2 rev.03 20140325 SB1620FCT~sb16150fct device characteristics average forward current fig.1- forward current derating curve fig.2- typical instantaneous forward chracteristics fig.4- maximum non - repetitive surge current fig.3- typical reverse characteristic case temperature, c o 8.3ms single half since-w ave jedec method instantaneous reverse current ,,ma percent of instantaneous reverse voltage,(%) 10 1.0 0.1 0.01 0.001 t=25 c j o t=75 c j o t =100 c j o .3 .4 .5 .6 .7 .8 0.9 1.0 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 t=25c pulse width = 300 s 1% duty cycle j o m 150v 20,30,40v 50,60v 80,100v
marking information http ?g // www . y ea shin.com ? yeashin technology co., ltd. sb 1 6 xxfct xxxx line 1: ys logo and date code the first half of line 1: ys logo the second half of line 1 : yy ww: year, yy ww : week. line 2 : device name and package type sb : schottky barrier rectifier : : the peak reverse voltage of product. line 3 : device structure symbol 1 xx : xx 6 16 16 ampere series product.
?Z packing ? dimension ? qty picture ?? bag/tube / ? 527mm*33mm*7mm 50 pcs inner box ? 555mm*140mm*55mm 2000 pcs carton 575mm*285mm *155mm 8000 pcs to/ito220 ? yeashin technology co., ltd. http ?g //www.yeashin.com


▲Up To Search▲   

 
Price & Availability of SB1620FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X